Part Number Hot Search : 
L4993MD AO741 MAX173 DT72V DT72V AD382 00BZXI C2500
Product Description
Full Text Search
 

To Download MC9S08DZ60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENN8025
MCH3431
MCH3431
Features
* * *
N-Channel Silicon MOSFET
General-Purpose Switching Device Applications
Low ON-resistance. Ultrahigh-speed switching. 2.5V drive.
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter Drain-to-Source Voltage Gate-to-Source Voltage Drain Current (DC) Drain Current (Pulse) Allowable Power Dissipation Channel Temperature Storage Temperature Symbol VDSS VGSS ID IDP PD Tch Tstg PW10s, duty cycle1% Mounted on a ceramic board (900mm2!0.8mm) Conditions Ratings 30 12 3.5 14 1 150 --55 to +150 Unit V V A A W C C
Electrical Characteristics at Ta=25C
Parameter Drain-to-Source Breakdown Voltage Zero-Gate Voltage Drain Current Gate-to-Source Leakage Current Cutoff Voltage Forward Transfer Admittance Static Drain-to-Source On-State Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Symbol V(BR)DSS IDSS IGSS VGS(off) yfs RDS(on)1 RDS(on)2 Ciss Coss Crss td(on) tr td(off) tf Conditions ID=1mA, VGS=0 VDS=30V, VGS=0 VGS=8V, VDS=0 VDS=10V, ID=1mA VDS=10V, ID=1.8A ID=1.8A, VGS=4V ID=1A, VGS=2.5V VDS=10V, f=1MHz VDS=10V, f=1MHz VDS=10V, f=1MHz See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. Ratings min 30 1 10 0.4 2.8 4.8 55 70 415 60 55 11 65 54 61 72 98 1.3 typ max Unit V A A V S m m pF pF pF ns ns ns ns
Marking : ZG
Continued on next page.
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
N2504 TS IM TB-00000408 No.8025-1/4
MCH3431
Continued from preceding page.
Parameter Total Gate Charge Gate-to-Source Charge Gate-to-Drain "Miller" Charge Diode Forward Voltage Symbol Qg Qgs Qgd VSD Conditions VDS=10V, VGS=4V, ID=3.5A VDS=10V, VGS=4V, ID=3.5A VDS=10V, VGS=4V, ID=3.5A IS=3.5A, VGS=0 Ratings min typ 5.1 0.95 1.4 0.87 1.2 max Unit nC nC nC V
Package Dimensions unit : mm 2167A
0.25
Switching Time Test Circuit
VIN
0.3 3 0.15
VDD=15V
4V 0V VIN ID=1.8A RL=8.3 VOUT
2.1
1.6
D
0.07
2
0.25
1
PW=10s D.C.1%
0.65 2.0
(Bottom view)
G
3
1 : Gate 2 : Source 3 : Drain
1 2
(Top view)
P.G
50
S
MCH3431
0.85
SANYO : MCPH3
3.5
ID -- VDS
4.0V
2.5V 2.0 V
3.5
ID -- VGS
VDS=10V
3.0
3.0
Drain Current, ID -- A
3.0V
2.5
Drain Current, ID -- A
1.5V
2.5
2.0
2.0
1.5
1.5
1.0
1.0
75 C
0 0.2 0.4 0.6 0.8 1.0
25 C
Ta =
1.2
0.5 0 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7
0.5
VGS=1.0V
0.8 0.9 1.0
0 1.4 1.6 1.8
Drain-to-Source Voltage, VDS -- V
200
IT07566 120
RDS(on) -- VGS
Gate-to-Source Voltage, VGS -- V
--25 C
IT07567
RDS(on) -- Ta
Ta=25C
Static Drain-to-Source On-State Resistance, RDS(on) -- m
100
Static Drain-to-Source On-State Resistance, RDS(on) -- m
180 160 140 120 100 80 60 40 20 0 0 2 4 6 8 10 IT07641
80
60
V 1.0 4.0 I D= S= , VG V 1.8 I D=
VG A,
2. S=
5V
ID=1.8A 1.0A
40
20
0 --60
--10
40
90
140
190 IT07569
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta -- C
No.8025-2/4
MCH3431
10 7 5 3 2 1.0 7 5 3 2 0.1 7 5 3 2 0.01 0.001 2 3 5 70.01 2 3 5 7 0.1 23 5 7 1.0 23 5 7 10 IT07570
yfs -- ID
VDS=10V
Forward Transfer Admittance, yfs -- S
10 7 5 3 2
IF -- VSD
VGS=0
Forward Current, IF -- A
75 C
0.1 7 5 3 2 0.01 7 5 3 2 0.3 0.4
0.001 0.2
0.5
0.6
25 C -2 5
0.7 0.8
C 25
Ta =
C
= Ta
--
C 25
75
C
1.0 7 5 3 2
0.9
1.0
1.1
Drain Current, ID -- A
1000 7 5
SW Time -- ID
VDD=15V VGS=4V Ciss, Coss, Crss -- pF
1000 7 5 3 2
Ciss, Coss, Crss -- VDS
f=1MHz
Ciss
Diode Forward Voltage, VSD -- V
IT07571
Switching Time, SW Time -- ns
3 2 100 7 5 3 2 10 7 5 3 0.01 2 3 5 7 0.1 2 3 5 7 1.0 2 3 5 7 10 IT07572
td(off) tf
100 7 5 3 2 0 2 4 6 8 10 12 14 16 18 20
tr
Coss
Crss
td(on)
Drain Current, ID -- A
4.5 4.0 3.5
Drain-to-Source Voltage, VDS -- V
3 2 10 7 5
IT07573
VGS -- Qg
VDS=10V ID=3.5A Drain Current, ID -- A
ASO
IDP=14A ID=3.5A
<10s 10 0 1m s s
Gate-to-Source Voltage, VGS -- V
3.0 2.5 2.0 1.5 1.0 0.5 0 0 1 2 3 4 5 6 IT07574
3 2 1.0 7 5 3 2 0.1 7 5 3 2
DC
10
op
er
ati
10
on
ms
Operation in this area is limited by RDS(on).
s (T a= 25
0m
C
)
0.01 0.01
Ta=25C Single pulse Mounted on a ceramic board (900mm2!0.8mm)
23 5 7 0.1 23 5 7 1.0 23 5 7 10 23 5
Total Gate Charge, Qg -- nC
1.2
PD -- Ta
Drain-to-Source Voltage, VDS -- V
IT07575
Allowable Power Dissipation, PD -- W
1.0
M
ou
nt
0.8
ed
on
ac
er
am
0.6
ic
bo
ar
d(
0.4
90
0m
m2 !
0.8
0.2
m
m
)
0 0 20 40 60 80 100 120 140 160
Ambient Temperature, Ta -- C
IT07576
No.8025-3/4
MCH3431
Note on usage : Since the MCH3431 is a MOSFET product, please avoid using this device in the vicinity of highly charged objects.
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of November, 2004. Specifications and information herein are subject to change without notice.
PS No.8025-4/4


▲Up To Search▲   

 
Price & Availability of MC9S08DZ60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X